Electronic Components Datasheet Search
  English  ▼

X  

DIO58056 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58056
Description  50~1000 mA, Single Cell Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58056 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO58056 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DIO58056/B/C/D
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO58056/B/C/D• Rev.1.8
Pin Assignment
DFN2*2-8
EP-SOIC8
Figure 1. Top view
Pin Descriptions
Pin Name
Description
VIN
Power supply. The absolute maximum input voltage is 36 V.
ACOKb
Open-drain power presence indication. This pin is low if the voltage at the VIN pin is between
UVP and OVP.
CHGb
Open-drain charge status output. This pin is low during charging.
/EN
Charger IC enable. Drive to high to disable the charger. When this pin is driven to low or left
floating, the charger is enabled. This pin has an internal 2MΩ pull-down resistor.
GND
Ground.
IBF
Terminal current programming pin. This pin to an external resistor to program the charge
termination current. See page 8
Programming charge termination.
ISET
Charge current setting, charge current monitor and shutdown pin. The charging current is
given by IISET = (1/RISET)*1000. The chip will be shutdown when ISET pin floating.
BAT
Charge current output. Provides charge current to the battery an regulates the final float
voltage to 4.2 V/ 4.35 V/ 4.4 V/ 4.45 V.
GND (Exposed Pad)
This pin must be connected to GND, and punch to the main GND to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com