Electronic Components Datasheet Search
  English  ▼

X  

DIO58056 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58056
Description  50~1000 mA, Single Cell Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58056 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO58056 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DIO58056/B/C/D
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO58056/B/C/D• Rev.1.8
The conditions that cause the DIO58056/B/C/D to reduce charge current through thermal feed-back can be
approximated by considering the power dissipated in the IC. Nearly all of this power dissipation is generated by
the internal MOSFET. This is calculated to be approximately:
BAT
BAT
CC
D
I
V
V
P
*
)
(
It is important to remember that DIO58056/B/C/D applications do not be designed for worst-case thermal
conditions since the IC will automatically reduce power dissipation when the junction temperature reaches
approximately 160°C (Constant temperature mode).
VIN bypass capacitor
Many types of capacitors can be used for input bypass, however, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of
ceramic capacitors, a 10 µF ceramic capacitor is recommended for this bypass capacitor. Due to a high voltage
transient will be generated under some start-up conditions, such as connecting the charger input to a live
power source.
Charge current soft-start
The DIO58056/B/C/D includes a soft-start circuit to minimize the inrush current at the start of a charge cycle.
When a charge cycle is initiated, the charge current ramps from zero to the full-scale current over a period of
approximately 100 µs. This has the effect of minimizing the transient current load on the power supply during
start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com