Electronic Components Datasheet Search
  English  ▼

X  

PD57002-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 2Page - STMicroelectronics PD57002-E Datasheet HTML 3Page - STMicroelectronics PD57002-E Datasheet HTML 4Page - STMicroelectronics PD57002-E Datasheet HTML 5Page - STMicroelectronics PD57002-E Datasheet HTML 6Page - STMicroelectronics PD57002-E Datasheet HTML 7Page - STMicroelectronics PD57002-E Datasheet HTML 8Page - STMicroelectronics PD57002-E Datasheet HTML 9Page - STMicroelectronics PD57002-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Typical performance
PD57002-E, PD57002S-E
6/23
4
Typical performance
Figure 2.
Capacitance vs supply voltage
Figure 3.
Drain current vs
gate source voltage
Figure 4.
Gate-source voltage vs
case temperature
0
5
10
15
20
25
30
Vdd (V)
0.1
1
10
100
C (pF)
Coss
Ciss
Crss
2
2.5
3
3.5
4
4.5
5
5.5
6
Vgs (V)
0
0.05
0.1
0.15
0.2
0.25
Id (A)
-50
-25
0
25
50
75
100
125
Tc (°C)
0.9
0.925
0.95
0.975
1
1.025
1.05
Vgs (Normalized)
Id = 50 mA
Id = 100 mA
Id = 150 mA
Id = 200 mA
Vds = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com