Electronic Components Datasheet Search
  English  ▼

X  

PD57002-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 7Page - STMicroelectronics PD57002-E Datasheet HTML 8Page - STMicroelectronics PD57002-E Datasheet HTML 9Page - STMicroelectronics PD57002-E Datasheet HTML 10Page - STMicroelectronics PD57002-E Datasheet HTML 11Page - STMicroelectronics PD57002-E Datasheet HTML 12Page - STMicroelectronics PD57002-E Datasheet HTML 13Page - STMicroelectronics PD57002-E Datasheet HTML 14Page - STMicroelectronics PD57002-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PD57002-E, PD57002S-E
Common source s-parameter
11/23
5.2
PD57002 (VDS = 28V IDS = 150mA)
Table 7.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.998
-17
10.95
166
0.006
77
0.960
-12
100
0.989
-32
10.50
153
0.011
63
0.946
-24
150
0.975
-47
9.83
140
0.016
52
0.937
-35
200
0.965
-61
9.15
128
0.020
41
0.912
-45
250
0.954
-72
8.40
118
0.022
31
0.904
-54
300
0.943
-82
7.63
108
0.024
22
0.885
-63
350
0.939
-92
6.98
100
0.025
15
0.876
-70
400
0.934
-100
6.35
92
0.025
7
0.880
-77
450
0.931
-107
5.81
84
0.026
2
0.877
-83
500
0.930
-113
5.30
77
0.026
-3
0.885
-89
550
0.927
-119
4.82
71
0.025
-9
0.886
-95
600
0.925
-124
4.45
65
0.025
-15
0.886
-99
650
0.927
-128
4.09
60
0.025
-21
0.896
-104
700
0.926
-133
3.78
55
0.023
-25
0.906
-108
750
0.930
-136
3.52
50
0.022
-29
0.912
-112
800
0.930
-140
3.27
45
0.021
-33
0.923
-115
850
0.931
-143
3.06
41
0.021
-36
0.929
-119
900
0.930
-146
2.87
36
0.200
-40
0.930
-122
950
0.929
-149
2.68
33
0.019
-42
0.928
-125
1000
0.931
-152
2.53
29
0.018
-46
0.933
-128
1050
0.926
-154
2.38
25
0.017
-48
0.932
-130
1100
0.927
-157
2.27
21
0.016
-54
0.935
-133
1150
0.926
-159
2.15
18
0.016
-57
0.938
-136
1200
0.925
-161
2.04
14
0.015
-58
0.940
-138
1250
0.923
-164
1.95
11
0.014
-62
0.941
-140
1300
0.918
-165
1.87
8
0.013
-68
0.939
-142
1350
0.917
-167
1.79
4
0.012
-71
0.936
-144
1400
0.916
-169
1.72
1
0.012
-74
0.939
-146
1450
0.911
-171
1.63
-2
0.011
-89
0.934
-147
1500
0.904
-172
1.54
-5
0.011
-109
0.933
-148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com