Electronic Components Datasheet Search
  English  ▼

X  

PD57002-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD57002-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD57002-E Datasheet HTML 4Page - STMicroelectronics PD57002-E Datasheet HTML 5Page - STMicroelectronics PD57002-E Datasheet HTML 6Page - STMicroelectronics PD57002-E Datasheet HTML 7Page - STMicroelectronics PD57002-E Datasheet HTML 8Page - STMicroelectronics PD57002-E Datasheet HTML 9Page - STMicroelectronics PD57002-E Datasheet HTML 10Page - STMicroelectronics PD57002-E Datasheet HTML 11Page - STMicroelectronics PD57002-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Typical performance
PD57002-E, PD57002S-E
8/23
Figure 9.
Output power vs drain voltage
Figure 10.
Efficiency vs drain voltage
Figure 11.
Output power vs drain current
Figure 12.
Efficiency vs drain current
10
12.5
15
17.5
20
22.5
25
27.5
30
Vdd (V)
0
0.5
1
1.5
2
2.5
Pout (W)
Pin = 17.4dBm
Idq = 15mA
960 MHz
945 MHz
925 MHz
10
12.5
15
17.5
20
22.5
25
27.5
30
Vdd (V)
10
20
30
40
50
60
Nd (%)
Pin = 17.4dBm
Idq = 15mA
945 MHz
925 MHz
960 MHz
0
25
50
75
100
125
150
175
Idq (mA)
0
0.5
1
1.5
2
2.5
3
Pout (W)
Pin = 17.4dBm
Vdd = 28V
960 MHz
945 MHz
925 MHz
0
25
50
75
100
125
150
175
Idq (mA)
10
20
30
40
50
60
Eff (%)
Pin = 17.4dBm
Vdd = 28V
945 MHz
960 MHz
925 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com