Electronic Components Datasheet Search
  English  ▼

X  

C11 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 39Page - ams-OSRAM AG C11 Datasheet HTML 40Page - ams-OSRAM AG C11 Datasheet HTML 41Page - ams-OSRAM AG C11 Datasheet HTML 42Page - ams-OSRAM AG C11 Datasheet HTML 43Page - ams-OSRAM AG C11 Datasheet HTML 44Page - ams-OSRAM AG C11 Datasheet HTML 45Page - ams-OSRAM AG C11 Datasheet HTML 46Page - ams-OSRAM AG C11 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
41 - 70
7.4.7.1 External chargepump Registers
Reg. Control
Addr: 00h
This register enables/disables the LDOs, Charge Pumps, Charge Pump LEDs, current
sinks, the Step Up DC/DC Converter.
Bit
Bit Name
Default
Access
Description
4
cp_ext_on
0
R/W
Enable the external chargepump
0b = Disable the external chargepump.
1b = Enable the external chargepump
Ext. chargepump mode
Addr: 1Dh
This register selects the modes of the external chargepump
Bit
Bit Name
Default
Access
Description
1:0
cp_ext_mode
0
R/W
Selects the mode of the Ext. charge pump
00b = regulate to negative voltage (e.g.: -6V)
01b = regulate to positive voltage (e.g.:+15V)
10b = unregulated (free running)
11b = reserved Select the mode of the current sink CURR41
3:2
cp_ext_clk<1:0>
0
R/W
Selects the switching frequency
00b = 250kHz
01b = 500kHz
10b = 1MHz
11b = NA
4
cp_ext_lowcurr
0
R/W
Driving capability of ext. charge pump
0b = normal current = Iout
1b = reduced current = Iout / 4
Output noise and ripple will be reduced
7.4.8 PWM Generator
The PWM generator can be used for any current sink (CURR1, CURR2, CURR3x, CURR4x, RGB).. It can be
programmed to use the pin GPIO0 (pwm_mode=0) or an internal PWM generator (pwm_mode=1). The setting
applies for all current sinks, which are controlled by the pwm generator (e.g. CURR1 is pwm controlled if
curr1_mode = 10, RGB1 is pwm controlled if rgb1_mode = 10). The pwm modulated signal (internal / external)
can switch on/off the current sinks and therefore depending on its duty cycle change the brightness of an
attached LED.
7.4.8.1 Internal PWM Generator
The internal PWM generator uses the 2MHz internal clock as input frequency and its dimming range is 6 bits
digital (2MHz / 2^6 = 31.3kHz pwm frequency) and 2 bits analog. Depending on the actual code in the register
‘pwm_code’ the following algorithm is used:
If pwm_code bit 7 = 1
Then the upper 6 bits (Bits 7:2) of pwm_code are used for the 6 bits PWM generation, which controls the
selected currents sinks directly
If pwm_code bit 7 =0 and bit 6 = 1
Then bits 6:1 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current
sinks, but the analog current of these sinks is divided by 2
If pwm_code bit 7 and bit 6 = 0
Then bits 5:0 of pwm_code are used for the 6 bits PWM generation. This signal controls the selected current
sinks, but the analog current of these sinks is divided by 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com