Electronic Components Datasheet Search
  English  ▼

X  

C11 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 12Page - ams-OSRAM AG C11 Datasheet HTML 13Page - ams-OSRAM AG C11 Datasheet HTML 14Page - ams-OSRAM AG C11 Datasheet HTML 15Page - ams-OSRAM AG C11 Datasheet HTML 16Page - ams-OSRAM AG C11 Datasheet HTML 17Page - ams-OSRAM AG C11 Datasheet HTML 18Page - ams-OSRAM AG C11 Datasheet HTML 19Page - ams-OSRAM AG C11 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
14 - 70
Note
: Always choose the path with the higher voltage drop as feedback to guarantee adequate supply for the
other (unregulated) path or enable the register bit step_up_fb_auto.
7.2.2 Overvoltage Protection in Current Feedback Mode
The overvoltage protection in current feedback mode (step_up_fb = 01 or 10) works as follows: Only resistor R3
and C10 is soldered and R4 and C11 is omitted. An internal current source (sink) is used to generate a voltage
drop across the resistor R3. If then the voltage on DCDC_FB is above 1.25V, the DCDC is momentarily disabled
to avoid too high voltages on the output of the DCDC converter.
The protection voltage can be calculated according to the following formula:
VPROTECT = 1.25V + IDCDC_FB * R3
Notes:
1.
The voltage on the pin DCDC_FB is limited by an internal protection diode to VBAT + one diode
forward voltage (typ. 0.6V).
2.
If the overvoltage protection is not used in current feedback mode, connect DCDC_FB to ground.
Figure
11 –Step Up DC/DC Converter Block Diagram; Option: Regulated Output Voltage, Feedback is at Pin DCDC_FB
+
CLK
+
–
Driver
PWM
Logic
VSS
+
-
1.25V
Pulse Skip
Comparator
Error Amplifier
Ramp
Generation
Comparator
+
-
Current
Sense
0.5V
+
-
0.5V
+
-
Error Amplifier
Error Amplifier
MUX
MUX
+
-
24 SENSE_P
23 SENSE_N
19 CURR 1
20 CURR 2
29 DCDC_FB
D1
C10
1.5nF
C11
15nF
R4
100kΩ
R3
1MΩ
Q1
Si1304
SOT-323
28 DCDC_GATE
C9
2.2µF
White
LEDs
10µH, 5x5x1.2mm
Coiltronics SD12-100
R2 (RSENSE)
0.1 Ω/5%
L1
Battery
C2
1µF
7.2.3 Voltage Feedback
Setting bit step_up_fb = 00 enables voltage feedback at pin DCDC_FB..
The output voltage is regulated to a constant value, given by (Bit step_up_res should be set to 1 in this
configuration)
Ustepup_out = (R3+R4)/R4 x 1.25 + IDCDC_FB x R3
If R4 is not used, the output voltage is by (Bit step_up_res should be set to 0 in this configuration):
Ustepup_out = 1.25 + IDCDC_FB x R3
Where:
Ustepup_out = Step Up DC/DC Converter output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com