Electronic Components Datasheet Search
  English  ▼

X  

C11 Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 50Page - ams-OSRAM AG C11 Datasheet HTML 51Page - ams-OSRAM AG C11 Datasheet HTML 52Page - ams-OSRAM AG C11 Datasheet HTML 53Page - ams-OSRAM AG C11 Datasheet HTML 54Page - ams-OSRAM AG C11 Datasheet HTML 55Page - ams-OSRAM AG C11 Datasheet HTML 56Page - ams-OSRAM AG C11 Datasheet HTML 57Page - ams-OSRAM AG C11 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
52 - 70
Table
20 – Function Testing for LEDs connected to the DCDC converter
Step
Action
Example Code
13.
The voltage on the LED string can be calculated now
as follows (R4 = open):
VLEDSTRING = V(DCDC_FB) + I(step_up_vtuning) *
R3 – 0.5V (current sinks feedback voltage: VFB2).
V(DCDC_FB) = ADC Measurement from point 11
I(step_up_vtuing) = last setting used for point 10
e.g.: VLED = (1.602V + 12V – 0.5V) / 4 = 3.276V
14.
Compare the calculated value against the
specification limits of the tested LEDs
With the above described procedures electrically open and shorted LEDs can be automatically detected. To
reduce the settling time of the DCDC converter to changes of step_up_vtuning, the external capacitors C10 and
C11 can be changed to C10=150pF and C11=1.5nF.
7.7
Analog-To-Digital Converter
The AS3688 has a built-in 10-bit successive approximation analog-to-digital converter (ADC). It is internally
supplied by V2_5, which is also the full-scale input range (0V defines the ADC zero-code). For input signal
exceeding V2_5 (typ. 2.5V) a resistor divider with a gain of 0.4 (Ratioprescaler) is used to scale the input of the
ADC converter. Consequently the resolution is:
Table
21 – ADC Input Ranges, Compliances and Resolution
Channels (Pins)
Input Range
VLSB
Note
GPIO0, GPIO1, GPIO2, GPI, DCDC_FB
0V-2.5V
2.44mV
VLSB=2.5/1024
ADCTEMP_CODE
TBD
1 / ADCTC
junction temperature
RGB1,RGB2,RGB3,
CURR{30, 31, 32, 33, 41, 42, 43}
VBAT2, CP_OUT
0V-5.5V
6.1mV
VLSB=2.5/1024 * 1/0.4;
internal resistor divider used
CURR1, CURR2
0V-1.0V
2.44mV
VLSB=2.5/1024
Table
22 – ADC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
Resolution
10
Bit
Vin
Input Voltage Range
VSS
Vsupply
V
Vsupply = V2_5
DNL
Differential Non-Linearity
± 0.25
LSB
INL
Integral Non-Linearity
± 0.5
LSB
Vos
Input Offset Voltage
± 0.25
LSB
Rin
Input Impedance
100
MΩ
Cin
Input Capacitance
9
pF
Vsupply (V2_5)
Power Supply Range
2.5
V
± 2%, internally trimmed used as
reference for ADC converter
Idd
Power Supply Current
500
µ A
During conversion only.
Idd
Power Down Current
100
nA
TTOL
Temperature Sensor
Accuracy
+/-5
°C
@ 25 °C
ADCTOFFSET
ADC temperature
measurement offset value
375
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com