Electronic Components Datasheet Search
  English  ▼

X  

DIO74557S Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557S
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557S Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557S Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DIO74557S
Version 1.1, May 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
10
Figure 6. Shutdown sequence
8.3. Input/output capacitor selections
Place a 100 nF capacitor with low Equivalent Series Resistance (ESR) in close proximity to the VCCA and VCCB
input terminals each. The preferred capacitor types are X5R or X7R multi-layer ceramic capacitors (MLCC) due
to their consistent value and ESR performance across temperature variations. The maximum ESR should be
under 500 mΩ (with a typical value being 50 mΩ).
8.4. Level shifter stage
The device eliminates the need for an additional input signal to control the direction of data flow between the
host and SIM. The control logic enables a change in driving direction only when both sides are in a HIGH state.
The first falling edge is recognized by the control logic, granting it control over the other signal side. In the event
of a rising edge signal, a one-shot circuit is employed to drive the non-driving output and accelerate the rising
edge. The internal logic of the device safeguards against communication errors or unforeseen incidents that
may drive both connected sides to be drivers simultaneously, thereby preventing a stuck-at situation. Once
released from being driven LOW, both I/Os will return to a HIGH level automatically.
The RST and CLK channels just contain single direction drivers without the holding mechanism of the I/O
channel, as these are just driven from the host to the SIM card side.
8.5. EMI filter
EMI filters at the input/output driver stages reduce interference to sensitive mobile communications.
8.6. ESD protection
The DIO74557S has strong ESD protections on all SIM card pins as well as on the VCCB pin. The feature
prevents any stress for the host: the voltage converter releases any stress to the supply floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com