Electronic Components Datasheet Search
  English  ▼

X  

DIO74557S Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557S
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557S Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557S Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DIO74557S
Version 1.1, May 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
5
IO_HOST; IOL = 1 mA
0
0.25 × VCCA
V
RPD
Pull-down resistance
CLK_SIM, RST_SIM, IO_SIM; when
EN = 0
450
Ω
EMI filter
RS
Series resistance
IO_SIM
44
Ω
RST_SIM
44
Ω
CLK_SIM
44
Ω
Cio(2)
Input/Output capacitance
IO_SIM
10
pF
RST_SIM
10
pF
CLK_SIM
10
pF
Note:
(1) See Figure 2.
(2) Guaranteed by design.
(3) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com