Electronic Components Datasheet Search
  English  ▼

X  

DIO74557S Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557S
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557S Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557S Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DIO74557S
Version 1.1, May 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
5. Electrical Characteristics
1.65 V ≤ VCCB ≤ 3.6 V; 1.08 V ≤ VCCA ≤ 1.95 V; TA = -40°C to 85°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCA
Supply voltage
1.08
1.95
V
ICCA
Supply current
Operating mode;
fCLK_HOST = 1 MHz; EN = VCCA
2.5
10
μA
Quiescent current; EN = VCCA
0.01
1
μA
Shutdown mode; EN = GND
0.42
1
μA
VCCB
SIM supply voltage
1.65
3.6
V
ICCB
SIM supply current
Quiescent current; EN = VCCA
2.6
6.0
μA
Automatic enable feature: VCCB
VCCB_EN
Enable voltage level
VCCA ≥ 1.0 V, VCCB rising edge
1.65
V
VCCB_DIS
Disable voltage level
VCCA ≥ 1.0 V, VCCB falling edge
1.2
V
ΔVCCBen
VCCBen hysteresis voltage
120
mV
Hardware enable pin
VIH
High-level input voltage
EN pin threshold
0.7 × VCCA
VCCA + 0.3
V
VIL
Low-level input voltage
EN pin threshold
-0.15
0.3 × VCCA
V
Level shifter
VIH
High-level input voltage
RST_HOST, CLK_ HOST
0.65 × VCCA
VCCA + 0.3
V
IO_HOST
0.6 × VCCA
VCCA + 0.3
V
IO_SIM
0.6 × VCCB
VCCB + 0.3
V
VIL
Low-level input voltage
RST_HOST, CLK_ HOST
-0.15
0.35 × VCCA
V
IO_HOST
-0.15
0.3 × VCCA
V
IO_SIM
-0.15
0.25 × VCCB
V
RPU
Pull-up resistance
IO_SIM connected to VCCB
6
kΩ
IO_HOST connected to VCCA
5
kΩ
VOH
High-level output
voltage(1)
RST_SIM, CLK_SIM; IOH = -1 mA
0.85 × VCCB
VCCB + 0.3
V
IO_SIM; IOH = -10 μA
0.85 × VCCB
VCCB + 0.3
V
IO_HOST; IOH = -10 μA
0.85 × VCCA
VCCA+ 0.3
V
VOL
Low-level output voltage(1)
RST_SIM, CLK_SIM; IOL = 1 mA
0
0.12 × VCCB
V
IO_SIM; IOL = 1 mA
0
0.12 × VCCB
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com