Electronic Components Datasheet Search
  English  ▼

X  

AS7038RB-COLT Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS7038RB-COLT
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB-COLT Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS7038RB-COLT Datasheet HTML 23Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 24Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 25Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 26Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 27Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 28Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 29Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 30Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 26
Attention
It is recommended to configure the current only when the output is not active, as there is no latch
implemented to keep the 10 bits consistent. New values are applied directly and immediately.
LED1_CURRL Register (Address 0x12)
Figure 13:
LED1_CURRL Register
Addr: 0x12
LED1_CURRL
Bit
Bit Name
Default
Access
Bit Description
7:6
Curr1[1:0]
0
RW
LED1 output current lower 2 bits
5:1
Not used
0
RW
Not used
0
cs1_boost
0
RW
0: Imax = 100 mA, 1 LSB=97 µA
1: Imax = 200 mA, 1 LSB=194 µA
LED1_CURRH Register (Address 0x13)
Figure 14:
LED1_CURRH Register
Addr: 0x13
LED1_CURRH
Bit
Bit Name
Default
Access
Bit Description
7:0
Curr1[9:2]
0
RW
LED1 output current upper 8 bits
Coding for curr1[9:0]:
000h: 786 µA
001h: 883 µA (1 LSB=97 µA with cs1_boost = 0)
002h: 980 µA
166h: 35 mA
3FFh: 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com