Electronic Components Datasheet Search
  English  ▼

X  

AS7038RB-COLT Datasheet(PDF) 82 Page - ams-OSRAM AG

Part # AS7038RB-COLT
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB-COLT Datasheet(HTML) 82 Page - ams-OSRAM AG

Back Button AS7038RB-COLT Datasheet HTML 78Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 79Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 80Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 81Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 82Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 83Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 84Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 85Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 86Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 81
Figure 103:
AFE Schematic
GPIO0
GPIO1
GPIO2
GPIO3
ECG_REF
gpio_dac
gpio_r_bias
160k
gpio_gst_in
measure_dac
T-gates:
50k
T-gates:
50
50k
T-gates:
10k
gst_gain
0
1x
1
2x
2
4x
3
8x
4
16x
5
32x
6
64x
7
don t use
3
2
1
0
AGND
gst_ref
SIGREF
don t
use
128k
Note:
Resistor / T-gates
resistance values are
given as indication - don t
rely on absolute values
on
ADC
Vref=1.6V
AGND
dac1_value
sigref_on_dac_buf
0
1
SIGREF
afe_enab_dac_buf
1.9V
DAC
dac2_value
afe_enab_dac
afe_enab_gainstage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com