Electronic Components Datasheet Search
  English  ▼

X  

AS7038RB-COLT Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS7038RB-COLT
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB-COLT Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS7038RB-COLT Datasheet HTML 68Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 69Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 70Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 71Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 72Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 73Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 74Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 75Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 71
Addr: 0x5a
OFE_NOTCH
Bit
Bit Name
Default
Access
Bit Description
3
Not used
0
RW
Not used
2
ofe1_notch_sel60
0
RW
0: Fc= 50 Hz
1: Fc= 60 Hz
1
ofe1_notch_byp
1
RW
0: OFE1 Notch filter Not bypassed
1: OFE1 Notch bypassed
0
ofe1_notch_en
0
RW
1.
0: Power down of the OFE1 high pass filter
1: Enable OFE1 Notch filter
7.1.13
Light-to-Frequency Mode
The LTF (light-to-frequency, or FM, frequency mode) mode.
Figure 86:
Light-to-Frequency Mode Internal Circuit
(1)
Do not use diodes which are connected to the TIA (register pd_a, pd_b, pd1...4) at the same time when Itf_en is
enabled on the same diode.
LTF 1
LTF 0
Counter
1
2
3
4
I -> f
conversion
A
B
Timer &
Capture
itime
ltf_data0
16 bits
ltf_data1
16 bits
ltf_enable
ltf0_sel, lft1_sel
ltf_gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com