Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 4 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 4 Page - Clarke International

  DLS200AL Datasheet HTML 1Page - Clarke International DLS200AL Datasheet HTML 2Page - Clarke International DLS200AL Datasheet HTML 3Page - Clarke International DLS200AL Datasheet HTML 4Page - Clarke International DLS200AL Datasheet HTML 5Page - Clarke International DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4
ASSEMBLY AND PREPARATION FOR USE
• A - Pressure Regulator Knob
• B - Low Pressure Water Inlet
• C - High Pressure Water Outlet
• D - Pressure Gauge
• E - Unloader Valve
• F - Detergent Hose
1. Attach the handle to the frame using the plastic screws supplied.
2. Assemble the lance by screwing the two halves together securely with the hand
grip in any position convenient to the operator.
3. Two nipple sizes are supplied. The one with the larger bore is the low pressure
nipple and should be screwed in to the tube nearest to the hand grip using a
suitable socket.
The smaller bore nipple is therefore screwed into the tube furthest from the hand
grip.
4. Connect the high pressure hose to the upper connection (C) on the unloader
valve.
• Fit the dowty washer between the hose and upper connection (C).
5. Connect the other end of the hose to the connection at the lance, ensuring the
seals are correctly in place.
6. The hose from the mains supply is connected to the lower connection (B).
• A good quality hose of at least 1/2" should be used and is available from
DIY, hardware and gardening supply stores. ALL connections must be tight
to prevent leaks.
7. Check the pump oil level using the sight glass, but be aware that if the level is not
visible, it may be as a result of over-filling and should be checked by removing the
filler plug and checking. Top up where necessary with the recommended oil.
8. Refer to the handbook supplied for the engine, and check the engine oil level,
topping up where necessary with the recommended oil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com