Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 7 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 7 Page - Clarke International

Back Button DLS200AL Datasheet HTML 3Page - Clarke International DLS200AL Datasheet HTML 4Page - Clarke International DLS200AL Datasheet HTML 5Page - Clarke International DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International DLS200AL Datasheet HTML 10Page - Clarke International DLS200AL Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
7
MAINTENANCE
If detergents have been used it is important to flush the system with clean water for a few
minutes after use.
Ifthereisadangeroffreezing,antifreezeshouldbemixedwiththeflushwater,orthesystem
must be completely drained.
After the final flush, stop the engine; do not allow it to idle for longer than 15 seconds.
STORAGE
Store in an upright position, completely drained of water, in a dry location.
ENGINE
Refertotheenginehandbookandserviceaccordingly.NOTE:Engineoilshouldbechecked
regularly.
PUMP
Change the oil after the first 50 hours of service and every 500 hours thereafter. DO
NOT attempt to carry out any mechanical repairs yourself. Please contact your
CLARKE dealer for servicing and repairs.
SPECIFICATIONS
Part No
7330320
Engine Type
Kohler
Engine Rating
10 HP
Engine Speed
3400 RPM
Max. Pressure
200 Bar
Max. Water flow
15 lpm
Max. Water temperature
50oC
Pump Oil Type
SAE20W/40
Measured Sound Power
107 dB
Guaranteed Sound Power
109 dB
Vibration
< 2.5 m/s²
Tyre Pressure
30 PSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com