Electronic Components Datasheet Search
  English  ▼

X  

DLS200AL Datasheet(PDF) 8 Page - Clarke International

Part # DLS200AL
Description  POWER WASHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS200AL Datasheet(HTML) 8 Page - Clarke International

Back Button DLS200AL Datasheet HTML 4Page - Clarke International DLS200AL Datasheet HTML 5Page - Clarke International DLS200AL Datasheet HTML 6Page - Clarke International DLS200AL Datasheet HTML 7Page - Clarke International DLS200AL Datasheet HTML 8Page - Clarke International DLS200AL Datasheet HTML 9Page - Clarke International DLS200AL Datasheet HTML 10Page - Clarke International DLS200AL Datasheet HTML 11Page - Clarke International DLS200AL Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
8
PARTS LIST
No Description
Qty
No. Description
Qty
1
Engine
1
22
Nut M8
2
2
Pump
1
23
Washer M8
2
3
Frame
1
24
Saddle
2
4
Screw
4
25
Feet
2
5
Washer
4
26
Screw
2
6
Key
1
27
Plastic Insert
2
7
Screw
4
28
Screw
2
8
Washer M10
4
29
Washer
2
9
Washer M10
4
30
Knob
2
10
Nut M10
4
31
Label (Specification)
1
11
Pressure Gauge
1
32
Label (Powerwash)
1
12
Unloader
1
33
Hose
1
13
Hose Connection
1
33A Dowty Washer
1
14
Chemical Hose
1
34
Lance Handle Assembly
1
15
Chemical Filter
1
35
Twin Lance
1
16
Screw M8x12
4
36
Nozzle HP
1
17
Washer M8
4
37
Nozzle LP
1
18
Washer M8
4
38
Wheel 260x20
2
19
Screw M8
4
39
Washer
2
20
Engine Bracket
2
40
Split Pin
2
21
Anti Vibration Mount
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com