Electronic Components Datasheet Search
  English  ▼

X  

CMV4000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 40Page - ams-OSRAM AG CMV4000 Datasheet HTML 41Page - ams-OSRAM AG CMV4000 Datasheet HTML 42Page - ams-OSRAM AG CMV4000 Datasheet HTML 43Page - ams-OSRAM AG CMV4000 Datasheet HTML 44Page - ams-OSRAM AG CMV4000 Datasheet HTML 45Page - ams-OSRAM AG CMV4000 Datasheet HTML 46Page - ams-OSRAM AG CMV4000 Datasheet HTML 47Page - ams-OSRAM AG CMV4000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
CMV4000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
44 / 92
/
7.3.4.2
8 outputs
When only 8 outputs are used, the pixel data is placed on the outputs as detailed in Figure 35.
8 bursts of 128 pixels happen in parallel on the data outputs. This means that one complete
row is read out in two bursts. The time needed to read out one row is doubled compared to
when 16 outputs are used. Channel 2, 4, 6…16 are not being used in this mode, so they can
be turned off by setting the correct bits in the register with addresses 80-82. Turning off these
channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default 2048 rows are
read out.
Figure 35: Pixel remapping for 8 output channels
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 3
IDLE
Pixel 256 to 383
Channel 5
IDLE
Pixel 1792 to 1919
Channel 13
IDLE
Pixel 1536 to 1663
Channel 15
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 1920 to 2047
Pixel 640 to 767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com