Electronic Components Datasheet Search
  English  ▼

X  

CMV4000 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 6Page - ams-OSRAM AG CMV4000 Datasheet HTML 7Page - ams-OSRAM AG CMV4000 Datasheet HTML 8Page - ams-OSRAM AG CMV4000 Datasheet HTML 9Page - ams-OSRAM AG CMV4000 Datasheet HTML 10Page - ams-OSRAM AG CMV4000 Datasheet HTML 11Page - ams-OSRAM AG CMV4000 Datasheet HTML 12Page - ams-OSRAM AG CMV4000 Datasheet HTML 13Page - ams-OSRAM AG CMV4000 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
CMV4000
Pin out
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
10 / 92
/
3.3
Pining list
The pin list of the CMV4000 can be found below for the µPGA and LCC packages. The pin list
for the LGA package is the same as for the µPGA package.
Table 4: Pinout in detail
µPGA
LCC
Pin name
Description
Type
G7
60
Tana
Test pin for analog signals (optional)
Analog output
D12
42
REF_ADC
Reference for ADC testing (decouple with 100 nF to
ground)
Bias
E10
41
SG_ADC
Signal for ADC testing (decouple with 100 nF to
ground)
Bias
E11
40
Vramp1
Start voltage first ramp (decouple with 100 nF to
ground)
Bias
E12
39
Vramp2
Start voltage second ramp (decouple with 100 nF to
ground)
Bias
F6
62
Vpch_H
Precharge high voltage (decouple with 100 nF to
ground)
Bias
H8
57
Vres_L
Reset low voltage (decouple with 100 nF to ground)
Bias
F8
54
Vtf_l2
Transfer low voltage 2 (decouple with 100 nF to
ground)
Bias
H9
53
Vtf_l3
Transfer low voltage 3 (decouple with 100 nF to
ground)
Bias
D11
43
VREF
Reference for column amps (decouple with 100 nF
to ground)
Bias
F9
51
Col_load
Decouple with 100 nF to ground
Bias
G9
52
Col_amp
Decouple with 100 nF to ground
Bias
G6
63
CMD_N
Decouple with 100 nF to ground
Bias
G11
45
Vbgap
Decouple with 100 nF to ground
Bias
H10
50
COL_PC
Decouple with 100 nF to ground
Bias
H11
44
LVDS
Decouple with 100 nF to ground
Bias
G5
66
CMD_P
Decouple with 100 nF to VDD33
Bias
F5
65
CMD_P_INV
Decouple with 100 nF to VDD33
Bias
F10
48
ramp
Decouple with 100 nF to VDD33
Bias
G10
49
ADC
Decouple with 100 nF to VDD33
Bias
G8
55
Vtf_l1
Transfer low voltage 1 (connect to ground)
Bias
H5
67
SYS_RES_N
Input pin for sequencer reset
Digital input
E1
80
CLK_IN
Master input clock
Digital input
F2
76
FRAME_REQ
Frame request pin
Digital input
G3
72
T_EXP2
Input pin for external exposure mode (optional)
Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com