Electronic Components Datasheet Search
  English  ▼

X  

CMV4000 Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 83Page - ams-OSRAM AG CMV4000 Datasheet HTML 84Page - ams-OSRAM AG CMV4000 Datasheet HTML 85Page - ams-OSRAM AG CMV4000 Datasheet HTML 86Page - ams-OSRAM AG CMV4000 Datasheet HTML 87Page - ams-OSRAM AG CMV4000 Datasheet HTML 88Page - ams-OSRAM AG CMV4000 Datasheet HTML 89Page - ams-OSRAM AG CMV4000 Datasheet HTML 90Page - ams-OSRAM AG CMV4000 Datasheet HTML 91Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
CMV4000
Package drawings & markings
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
87 / 92
/
10.2.1
Assembly drawing LCC
All dimensions are in millimeter.
Figure 58: Assembly drawing LCC
Optical center
9.84±0.10
9.32±0.10
Pixel (0,0)
3.69±0.10
3.18±0.10
Rotation of die ref. outside of package: ±0.5°
Tilt of die ref. die attach area: ±0.2°
0.55 ±0.05
1.495 ±0.130
TRANSPARANT TOP VIEW
3.69±0.10
3.18±0.10
Pixel (0,0)
TOP VIEW
CROSS SECTION
0.760±0.130
1
5
10
15
20
25
27
28
30
35
40
45
46
47
50
55
60
65
70
73
74
75
80
85
90
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com