Electronic Components Datasheet Search
  English  ▼

X  

CMV50000 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 20Page - ams-OSRAM AG CMV50000 Datasheet HTML 21Page - ams-OSRAM AG CMV50000 Datasheet HTML 22Page - ams-OSRAM AG CMV50000 Datasheet HTML 23Page - ams-OSRAM AG CMV50000 Datasheet HTML 24Page - ams-OSRAM AG CMV50000 Datasheet HTML 25Page - ams-OSRAM AG CMV50000 Datasheet HTML 26Page - ams-OSRAM AG CMV50000 Datasheet HTML 27Page - ams-OSRAM AG CMV50000 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 23
Figure 15:
Power Supply Decoupling and Grounding Diagram
Biasing (on-chip regulators)
Operating the pixel array requires multiple different biasing supply levels. These supply levels can be
generated using on-chip regulators. The chip contains 2 types of regulators, for positive supply levels
and negative supply levels. The regulator output voltages are controlled using the SPI interface.
The supply regulators are internally not connected to the actual image sensor. Connections have to be
made on PCB level (from a VxxREG pin to a Vyy pin). Also, each supply regulator requires to be
VDD27
VDD27CP
+
-
VDD27
VDDD12PLL2
VDDA12PLL2
+
-
VDD12
VDDA12PLL1
VDDD12PLL1
VDD12
VDD12C
+
-
VDD12C
VDD18
+
-
VDD18
VDDARRAY
+
-
VDDARRAY
VDD33
+
-
VDD33
≥100uF/supply
single 100nF ceramic capacitor as close
as possible to each physical pin
3x
4x
2x
2x
4x
VSSDPLL2
VSSAPLL2
VSSAPLL1
VSSDPLL1
VSSD
VSSDC
VSSA
VSSACP
Analog ground
Digital ground (A/D Converters)
Digital ground (Periphery)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com