Electronic Components Datasheet Search
  English  ▼

X  

CMV50000 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 35Page - ams-OSRAM AG CMV50000 Datasheet HTML 36Page - ams-OSRAM AG CMV50000 Datasheet HTML 37Page - ams-OSRAM AG CMV50000 Datasheet HTML 38Page - ams-OSRAM AG CMV50000 Datasheet HTML 39Page - ams-OSRAM AG CMV50000 Datasheet HTML 40Page - ams-OSRAM AG CMV50000 Datasheet HTML 41Page - ams-OSRAM AG CMV50000 Datasheet HTML 42Page - ams-OSRAM AG CMV50000 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 38
CTRL MODE
Name
External Control
Internal Control
1
Programmed external
Start of exposure.
Length of exposure.
Readout details.
2
Triggered internal
A finite sequence of 1 or more consecutive frames.
Length of exposure.
Frame rate.
Sequence length.
Readout details.
3
Streaming
An infinite sequence of consecutive frames.
Length of exposure.
Frame rate.
Readout details.
Each of these control modes is introduced in one of the following sections.
Control Mode 0: Full External
In the Full External control mode, the exposure timing is fully controlled with the sensor input pins:
●
A rising edge on REQ_EXP moves the sensor to the EXPOSURE state
●
A rising edge on REQ_FRAME moves the sensor to the GLOB state, which will be
automatically followed by READOUT.
The length of the EXPOSURE state will exactly match the time between the rising edges of both
triggers.
In the figure below, the state diagrams of sequential and pipelined operation are annotated with the
external control events.
Figure 38:
State Diagram: Full External Mode
EXPOSURE
GLOB
IDLE
RESET
READOUT
rising (REQ_EXP)
rising (REQ_FRAME)
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
(no new exposure)
rising (REQ_EXP)
rising (REQ_FRAME)
rising (REQ_EXP)
rising (REQ_FRAME)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com