Electronic Components Datasheet Search
  English  ▼

X  

CMV50000 Datasheet(PDF) 91 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 91 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 87Page - ams-OSRAM AG CMV50000 Datasheet HTML 88Page - ams-OSRAM AG CMV50000 Datasheet HTML 89Page - ams-OSRAM AG CMV50000 Datasheet HTML 90Page - ams-OSRAM AG CMV50000 Datasheet HTML 91Page - ams-OSRAM AG CMV50000 Datasheet HTML 92Page - ams-OSRAM AG CMV50000 Datasheet HTML 93Page - ams-OSRAM AG CMV50000 Datasheet HTML 94Page - ams-OSRAM AG CMV50000 Datasheet HTML 95Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 90
On-Chip OBC
Setting EOB_BYPASS to 0 enables the automatic on-chip black level correction (clamping). In this
mode, BLACK_LEVELADC_OUT is calculated on-chip, based on OB pixels, for every row allowing to
correct for row and frame noise in the image.
This is the recommended mode of operation.
Off-Chip OBC
Setting EOB_BYPASS to 1 disables the automatic OBC. BLACK_LEVELADC_OUT is now specified with
register EOB_BYPASS_VALUE. This value is constant and cannot correct for row noise in the image.
Equation 17:
������������������������������������������_������������������ = ������������������������[������������������������������������_������������������ − ������������������_������������������������������������_������������������������������ + ������������������_������������������������������������]
Further external or off-chip OBC can be achieved by reading out the OB pixel data (refer to section
7.8.5
).
7.7.2
Analog and Digital Gain
Register GANA is used to set the analog gain. When changing the analog gain, the OB black level
also has to be fine-tuned to have optimal black level clamping.
Figure 116:
Analog Gain Registers
Reg. Name
Bank
Addr
Bits
Description
GANA
0
78
[7:0]
See settings in 7.4.2
EOB_OFFSET_FINE
1
38-39
[15:0]
See settings in 7.4.2
Digital gain can be specified for the 4 color channels individually (even/odd columns, even/odd rows).
E.g. GDIG_RE_CO relates to Rows Even and Columns Odd.
The digital gain for each channel is defined by a similar equation:
Equation 18:
������������������������������������������ ������������������������ (������������_������������) = (������������������������_������������_������������ + 1)/16
Base (default) digital gain is set by uploading a value of 15 to GDIG_Rx_Cy. The maximum digital
gain is 16x with GDIG_Rx_Cy at 256. The lowest digital gain is 1/16x with GDIG_Rx_Cy at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com