Electronic Components Datasheet Search
  English  ▼

X  

TAS2020RBGR Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS2020RBGR
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020RBGR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS2020RBGR Datasheet HTML 36Page - Texas Instruments TAS2020RBGR Datasheet HTML 37Page - Texas Instruments TAS2020RBGR Datasheet HTML 38Page - Texas Instruments TAS2020RBGR Datasheet HTML 39Page - Texas Instruments TAS2020RBGR Datasheet HTML 40Page - Texas Instruments TAS2020RBGR Datasheet HTML 41Page - Texas Instruments TAS2020RBGR Datasheet HTML 42Page - Texas Instruments TAS2020RBGR Datasheet HTML 43Page - Texas Instruments TAS2020RBGR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Table 7-13. TDM_CFG5 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
TX_KEEPEN
R/W
0h
TDM TX SDOUT bus keeper enable.
0h = Disable bus keeper
1h = Enable bus keeper
4
TX_FILL
R/W
1h
TDM TX SDOUT unused bitfield fill.
0h = Transmit 0
1h = Transmit Hi-Z
3-1
TX_OFFSET[2:0]
R/W
1h
TDM TX start of frame to time slot 0 offset.
0
TX_EDGE
R/W
1h
TDM TX launch clock polarity.
0h = Rising edge of SBCLK
1h = Falling edge of SBCLK
7.1.13 TDM_CFG9 Register (Address = 10h) [Reset = 05h]
Return to the Summary Table.
This register configures device TDM modes.
Table 7-14. TDM_CFG9 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
TEMP_TX
R/W
0h
TDM TX temp sensor transmit enable.
0h = Disabled
1h = Enabled
5-0
TEMP_SLOT[5:0]
R/W
5h
TDM TX temp sensor time slot.
7.1.14 TDM_CFG10 Register (Address = 11h) [Reset = 07h]
Return to the Summary Table.
This register configures device TDM modes
Table 7-15. TDM_CFG10 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
STATUS_TX
R/W
0h
TDM TX status bits transmit enable.
0h = Disabled
1h = Enabled
5-0
STATUS_SLOT[5:0]
R/W
7h
TDM TX status bits time slot.
7.1.15 TDM_CFG11 Register (Address = 12h) [Reset = 06h]
Return to the Summary Table.
This register configures device TDM modes.
Table 7-16. TDM_CFG11 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
PVDD_SLEN
R/W
0h
TDM TX PVDD time slot length.
0h = Truncate to 8-bits
1h = Left justify to 16-bits
6
PVDD_TX
R/W
0h
TDM TX PVDD transmit enable.
0h = Disabled
1h = Enabled
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
40
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com