Electronic Components Datasheet Search
  English  ▼

X  

TAS2020RBGR Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS2020RBGR
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020RBGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2020RBGR Datasheet HTML 4Page - Texas Instruments TAS2020RBGR Datasheet HTML 5Page - Texas Instruments TAS2020RBGR Datasheet HTML 6Page - Texas Instruments TAS2020RBGR Datasheet HTML 7Page - Texas Instruments TAS2020RBGR Datasheet HTML 8Page - Texas Instruments TAS2020RBGR Datasheet HTML 9Page - Texas Instruments TAS2020RBGR Datasheet HTML 10Page - Texas Instruments TAS2020RBGR Datasheet HTML 11Page - Texas Instruments TAS2020RBGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
TA = 25°C, PVDD = 5V, VDD = 1.8V, IOVDD = 1.8V, RL = 8Ω + 33µH, Fin = 1kHz, Fs = 48kHz, SDZ=1, Noise gate disabled,
Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to 20kHz
un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ_HW_SD
Current consumption in Hardware
Shutdown
PVDD, SDZ=0
0.1
uA
VDD, SDZ=0
0.2
uA
IOVDD, SDZ=0
0.1
uA
IQ_SW_SD
Current consumption in Software
Shutdown
PVDD, All clocks Stopped
0.1
uA
VDD, All clocks Stopped
12
uA
IOVDD, All clocks Stopped
0.1
uA
IQ_NG
Current consumption in Idle channel with
noise gate
PVDD, POUT = 0, Noise gate enabled
0.1
mA
VDD, POUT = 0, Noise gate enabled
2.2
mA
IOVDD, POUT = 0, Noise gate enabled
0.1
mA
IQ_IDLE
Current consumption in Idle channel
PVDD, POUT = 0, Noise gate disabled
0.2
mA
VDD, POUT = 0, Noise gate disabled
5.6
mA
IOVDD, POUT = 0, Noise gate disabled
0.1
mA
DIGITAL IOs
VIH
High-level digital input logic voltage
threshold
All digital pins
0.7x
IOVDD
V
VIL
Low-level digital input logic voltage
threshold
All digital pins
0.3x
IOVDD
V
VOH
High-level digital output voltage
All digital pins except SDA, SCL and
IRQZ; IOH = 100µA
IOVDD -
0.2V
V
VOL
Low-level digital output voltage
All digital pins except SDA, SCL and
IRQZ; IOL = -100µA
0.2
V
VOL(I2C)
Low-level digital output voltage
SDA and SCL; IOL = -1mA
0.2x
IOVDD
V
VOL(IRQZ)
Low-level digital output voltage for open
drain output
IRQZ pin; IOL = -1mA
0.2
V
IIH (1)
Input logic-high leakage for digital inputs
All digital pins; Input = IOVDD.
-1
1
µA
IIL (1)
Input logic-low leakage for digital inputs
All digital pins; Input = GND
-1
1
µA
CIN
Input capacitance for digital inputs
All digital pins
5
pF
RPD
Pull down resistance for digital input/IO
pins when asserted on
All digital pins. Pull down resistance
option enabled
18
kΩ
(1)
Errata: Additional 2mA to 3mA current consumption expected if IRQZ signal is pulled high. Read more details in section "what to do
and what not to do".
5.6 Timing Requirements
TA = 25°C, VDD = IOVDD = 1.8V (unless other wise noted)
MIN
NOM
MAX
UNIT
I2C - Standard Mode
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock
pulse is generated.
4
μs
tLOW
LOW period of the SCL clock
4.7
μs
tHIGH
HIGH period of the SCL clock
4
μs
tSU;STA
Setup time for a repeated START condition
4.7
μs
tHD;DAT
Data hold time: For I2C bus devices
0
3.45
μs
tSU;DAT
Data set-up time
250
ns
tr
SDA and SCL rise time
1000
ns
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com