Electronic Components Datasheet Search
  English  ▼

X  

WHS302 Datasheet(PDF) 21 Page - Wavelength Electronics, Inc.

Part # WHS302
Description  Laser Diode Driver & Evaluation Board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

WHS302 Datasheet(HTML) 21 Page - Wavelength Electronics, Inc.

Back Button WHS302 Datasheet HTML 17Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 18Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 19Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 20Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 21Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 22Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 23Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 24Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 25Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
© 2024
www.teamWavelength.com
21
WLD SERIES LASER DIODE DRIVERS
Step 12: Enable Or Disable The Output Current
The WLD33ND output current can be enabled and disabled
using the onboard toggle switch. The output is enabled
when the green ON LED indicator is lit (see
Figure 13).
You can also remotely enable the WLD33ND by connecting
a control signal to a via (See
Figure 19). This is an active
low input. GND = ENABLE. Note the ON/OFF LED will not
light when enabled using the remote input.
REN
REMOTE
ENABLE
VIA
Figure 19. Control signal via placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com