Electronic Components Datasheet Search
  English  ▼

X  

WHS302 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # WHS302
Description  Laser Diode Driver & Evaluation Board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

WHS302 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  WHS302 Datasheet HTML 1Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 2Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 3Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 4Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 5Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 6Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 7Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 8Page - Wavelength Electronics, Inc. WHS302 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
© 2024
www.teamWavelength.com
4
WLD SERIES LASER DIODE DRIVERS
PIN DESCRIPTIONS
Table 1. Pin Descriptions
PIN LABEL
NAME
PIN DESCRIPTION
1
SHD
Shutdown
Laser Diode
Output Current
Enable or disable output current to the laser diode using this pin.
To ENABLE: Float or connect a zero volt signal to this pin.
To DISABLE: Connect a +3 V or greater signal to this pin.
2
V
SET
Setpoint
Voltage Input
or Modulation
Input
Connect a voltage source between this pin and Pin 7 (GND) to control either the laser diode
current in Constant Current mode or the laser diode power in Constant Power mode.
Range is 0-2 V full scale.
Input impedance is 20 kΩ.
Do not let this pin float, or damage to the load may result.*
3
IMON
Laser Diode
Current
Monitor
Monitor the laser diode forward current using this pin. The laser diode current monitor
produces a voltage proportional to the current flowing through the laser diode.
Standalone: Transfer function depends on R
SENSE value. See Equation (11) on page 15.
Evaluation Board: See
Table 10 on page 20 for the transfer function.
4
PMON
Photodiode
Current
Monitor
Monitor the laser diode power using this pin. The photodiode current monitor produces a
voltage proportional to the current produced by the laser diode monitor photodiode.
Standalone: Transfer function depends on R
PD value. See Equations (12) & (13) on page 15.
Evaluation Board: See
Table 11 on page 20 for the transfer function.
5
MODE
Mode
Configuration
Configure either Constant Current or Constant Power operation using this pin.
Constant Current: Install a 1 kΩ resistor between this pin and Pin 6 (LIM).
Constant Power: Install a 0.1 μF capacitor between this pin and Pin 6 (LIM).
6
LIM
Laser Diode
Current Limit
A resistor connected between this pin and Pin 7 (GND) limits the maximum amount of forward
current through the laser diode. See
page 11 for more information.
7
GND
Power Supply
Ground
Connect the V
DD power supply ground connection to this pin.
8
RS+
Laser Diode
Current Sense
Resistor
Positive Input
Connect this pin directly to the positive side of the laser diode current sense resistor. The
resistance value of R
SENSE determines the range of forward current through the laser diode.
9
OUTB
Output B
Connect this pin to the positive side of R
SENSE.
10
RS-
Laser Diode
Current Sense
Resistor
Negative Input
Connect this pin directly to the negative side of the laser diode current sense resistor. The
resistance value of R
SENSE determines the range of forward current through the laser diode.
11
OUTA
Output A
How this pin is configured depends on laser type.
Type A/B: Connect this pin to the cathode connection of the laser diode.
Type C: Connect this pin to Pin 14 (V
DD).
12
PD+
Photodiode
Current Sense
Resistor
Positive Input
How this pin is configured depends on both laser type and operation mode.
Constant Current: For all laser types, connect both this pin and Pin 13 (PD-) to Pin 7 (GND).
Constant Power: For Type A/B lasers, connect this pin to the anode of the photodiode. For
Type C lasers, connect this pin to Pin 14 (V
DD)
13
PD-
Photodiode
Current Sense
Resistor
Negative Input
How this pin is configured depends on both laser type and operation mode.
Constant Current: For all laser types, connect both this pin and Pin 12 (PD+) to Pin 7 (GND).
Constant Power: For Type A/B lasers, connect this pin to Pin 7 (GND). For Type C lasers,
connect this pin to the cathode of the photodiode.
14
V
DD
Power Supply
Input
Power supply input for the internal control electronics.
Supply range input for this pin is model-dependent.
* NOTE: The WLD3343 has a 0.5 V offset voltage when Pin 2 is open. The WLD33ND does not have this offset voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com