| Electronic Components Datasheet Search |
|
WHS302 Datasheet(PDF) 25 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
WHS302 Datasheet(HTML) 25 Page - Wavelength Electronics, Inc. |
|
25 / 31 page ![]() © 2024 www.teamWavelength.com 25 WLD SERIES LASER DIODE DRIVERS SAFE OPERATING AREA CALCULATION The Safe Operating Area of the WLD driver is determined by the amount of power that can be dissipated within the output stage of the driver. If that power limit is exceeded, permanent damage can result. ! Do not operate the WLD driver outside of the Safe Operating Area curve. Operating the WLD driver outside of the SOA voids the warranty. Refer to the Wavelength Electronics website for the most up-to-date SOA calculator for our products. The online tool is fast and easy to use, and also takes into consideration operating temperature. www.teamwavelength.com/support/design-tools/soa-ld-calculator SOA charts are included here for quick reference, however we recommend you use the online tools instead. Follow these steps to determine if the driver will be operating within the SOA. • Refer to the laser diode datasheet to find the maximum voltage (V MAX) and current (IMAX) specifications • Calculate the voltage drop across the controller: V DROP = VS - VMAX (VS is the power supply voltage) • Mark V DROP on the X-axis, and extend a line upward • Mark I MAX on the Y-axis, and extend a line to the right until it intersects the V DROP line • On the X-axis, mark value of V S • Extend a diagonal line from V S to the intersection of the V DROP and IMAX lines; this is the Load Line • If the Load Line crosses the Safe Operating Area line at any point, the configuration is not safe If the SOACalculator indicates the WLD will be outside of the Safe Operating Area, the system must be changed so that less power is dissipated within the driver. See Wavelength Electronics Application Note AN-LDTC01: The Principle of the Safe Operating Area for information on shifting the Load Line. After changing any of the operating parameters, recalculate the SOA to make sure the driver will operate safely. If you have questions, or run into difficulties calculating the SOA, contact Wavelength Electronics for assistance. WLD33ND SOA Chart: SAFE OPERATION UNSAFE OPERATION 0.5 1.0 1.5 2.0 2.5 0 1 2 3 4 5 6 7 8 9 10 11 12 13 0 Voltage Across WLD33ND (V) Figure 22. SOA for WLD33ND with thermal washer, heatsink, and fan. WLD33ND-HB SOA Chart: SAFE OPERATION UNSAFE OPERATION 2 3 4 5 6 1 0 0 0.5 1.0 1.5 2.0 2.5 Voltage Across WLD33ND-HB (V) Figure 23. SOA for WLD33ND-HB with thermal washer, heatsink, and fan. WLD33ND-3A SOA Chart: SAFE OPERATION UNSAFE OPERATION 1 2 3 4 5 6 7 8 9 10 11 12 13 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Voltage Across WLD33ND-3A (V) Figure 24. SOA for WLD33ND-3A with thermal washer, heatsink, and fan. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |