Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-AUD01F2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 10Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EMIF06-AUD01F2
Characteristics
7/14
1.4
Filter characteristics
1.5
Total harmonic distortion characteristics
Figure 17.
Analog crosstalk MIC2_P and
MIC1_N lines (50
Ω / 50 Ω)
Figure 18.
Analog crosstalk SPK_R and
MIC2_N lines (50
Ω / 50 Ω)
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
MIC2_N/MIC1_P
F/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
SPK_R/MIC2_N
F/Hz
Figure 19.
Total harmonic distortion and noise
with only cables and environmental
circuit versus frequency,
VBIAS = 0 V
Figure 20.
Variation of total harmonic
distortion and noise in microphone
lines versus frequency, balanced
(or differential) mode, VBIAS = 0 V
F (Hz)
-108.517
5.3357 k
0
-50
100
1 k
10 k
THD+N (dB)
-100
VGEN: 1.5 Vp-p
20 Hz < F < 20 kHz
RGEN: 600
RLOAD: 200 k
A-Weighting filter
Bandwidth: 40 kHz
TAMB = 25 °C
Ω
Ω
F (Hz)
-80.449
3.4951 k
0
-50
100
1 k
10 k
THD+N (dB)
-100
VGEN: 1.5 Vp-p
V= 0 V
20 Hz < F < 20 kHz
RGEN: 600
RLOAD: 200 k
A-Weighting filter
Bandwidth: 40 kHz
TAMB = 25 °C
MAX
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com