Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-AUD01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-AUD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
EMIF06-AUD01F2
2/14
1
Characteristics
Figure 2.
Circuit schematic
SPK_L-int
GND-ext
MIC1_P-int
MIC1_N-int
SPK_R-int
SPK_L-ext
SPK_R-ext
MIC1_P-ext
MIC1_N-ext
BIAS1
MIC2_P-int
MIC2_N-int
HOOK
BIAS2
MIC2_P-ext
MIC2_N-ext
GND-ext
BIAS3
GND-int
PHG (Phantom Ground)
C1 to C4 = 1.3 nF typical
R10
R12
R13
R11
R1
C1
C2
C3
C4
C5
C6
R2
R3
R4
R6
R7
R8
R9
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Test
conditions
Min
Max
Unit
Vpp
IEC61000-4-2 air discharge on external lines
IEC61000-4-2 contact discharge on external lines
IEC61000-4-2 air discharge on internal lines
IEC61000-4-2 contact discharge on internal lines
15
15
2
2
kV
PSPK
Continuous power dissipation per channel SPK_L, SPK_R
Tamb = 85 °C
180
mW
ISPK
Continuous current per channel SPK_L, SPK_R
Tamb = 85 °C
135
mA
Ptotal
Total continuous power dissipation
Tamb = 85 °C
285
mW
Top
Operating temperature range
-40
+85
°C
Tstg
Storage temperature range
-40
+125
°C
Tj
Junction temperature
+125
°C
Table 2.
Electrical characteristics - definitions (Tamb = 25 °C)
Symbol
Parameters
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
Cline
Input capacitance per line
I
V
IPP
VCL
VBR
VRM
IR
IRM
IRM
IR
IPP
VRM
VBR
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com