Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-AUD01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-AUD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
EMIF06-AUD01F2
4/14
1.1
RF filtering
The low signal level on the analog inputs and the pulsed transmitter in the phone are a
combination that requires efficient RF-filtering. RF-rectification must be avoided.
Therefore, the stop band attenuation is optimized for the frequency bands 800-2480 MHz.
1.2
Attenuation characteristics
Table 4.
Stop band performance 800 - 2480 MHz
Channel
Test conditions
Attenuation
Min
Typ
Max
Unit
MIC1_x to MIC1_x-int
Rsource = 50 Ω, Rload = 1 kΩ
25
dB
MIC2_x to MIC2_x-int
Rsource = 50 Ω, Rload = 1 kΩ
25
dB
MIC1_P to BIAS1
Rsource = 50 Ω, Rload = 1 kΩ
25
dB
MIC2_P to BIAS2
Rsource = 50 Ω, Rload = 1 kΩ
25
dB
SPK_x to SPK_x-int
Rsource = 50 Ω, Rload = 1 kΩ
25
dB
Table 5.
Stop band performance 10 - 800 MHz
Channel
Test conditions
Attenuation
Min
Typ
Max
Unit
MIC1_x to MIC1_x-int
Rsource = 50 Ω, Rload = 1 kΩ
20
dB
MIC2_x to MIC2_x-int
Rsource = 50 Ω, Rload = 1 kΩ
20
dB
MIC1_P to BIAS1
Rsource = 50 Ω, Rload = 1 kΩ
20
dB
MIC2_P to BIAS2
Rsource = 50 Ω, Rload = 1 kΩ
20
dB
Figure 3.
S21 attenuation measurement
MIC1_P and MIC1_N lines
(50
Ω / 50 Ω)
Figure 4.
S21 attenuation measurement
MIC1_P and MIC1_N lines
(50
Ω / 1 KΩ simulation)
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
MIC1_P line
MIC1_N line
F/Hz
R
= 50
/ R
= 50
source
load
ΩΩ
MIC1_P line
MIC1_N line
R
= 50
/ R
= 1 K
source
load
ΩΩ
100k
1M
10M
100M
1G
-60
-50
-40
-30
-20
-10
0
dB
F/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com