Electronic Components Datasheet Search
  English  ▼

X  

LD151 Datasheet(PDF) 3 Page - LightGraphix

Part # LD151
Description  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD151 Datasheet(HTML) 3 Page - LightGraphix

  LD151 Datasheet HTML 1Page - LightGraphix LD151 Datasheet HTML 2Page - LightGraphix LD151 Datasheet HTML 3Page - LightGraphix LD151 Datasheet HTML 4Page - LightGraphix LD151 Datasheet HTML 5Page - LightGraphix LD151 Datasheet HTML 6Page - LightGraphix LD151 Datasheet HTML 7Page - LightGraphix LD151 Datasheet HTML 8Page - LightGraphix LD151 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LD151
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 9 | Data sheet issued: 21 May 2026
COLOUR & DYNAMIC LED ENGINE SPECIFICATION
AVAILABLE FINISHES
Please refer to our finishes guide for full details
316 STAINLESS STEEL
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable with very
high corrosion resistance
>
Passivation recommended
for marine environments to
prevent corrosion and build
up of brown stains caused
by oxidation
>
Interior & exterior use
POLISHED & PASSIVATED
316 STAINLESS STEEL
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable with very
high corrosion resistance
>
Passivated to extensively
prolong resistance to
corrosion and brown stains
caused by oxidation in
marine environments
>
Interior & exterior use
PAINT FINISH
>
Matt Black, Matt White,
and other RAL colours
available
>
Not recommended for
footlights in high traffic
areas
>
Interior & exterior use
FLAMED SOLID BRONZE
>
Solid Bronze
>
Hand finished Flamed Bronze
unique to LightGraphix
>
Extremely durable with very
high corrosion resistance.
>
Please note a natural dark
patination layer will form
after long term exposure to
the elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
MACHINED BRASS
>
Solid CZ121 Brass
>
Standard machined finish
>
Corrosion resistance rated
fair to excellent
>
Please note a natural
green/brown patination
layer will form after long
term exposure to the
elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
Engine
CLR - Colour
RGBW
TW - Tunable White
Beam Angles
24°, 38°, 54°, 20° x 46°
38° colour mix lens
24°, 38°, 54°, 20° x 46°
LED manufacturer
CREE
CREE
CREE
Colour temperature
Red, Green, Blue, Amber
Red, Green, Blue, 4000K White
Warm White
2700K or 3000K
Cool White
4000K or 5000K
Current
500mA
350mA
500mA
500mA
LED power (Max)
7W
3.5W
5W
6.3W (7W)
3.5W per channel
Applications
MECHANICAL
Glass
6mm thick toughened glass with black ceramic screen print
Materials
Stainless steel bezel, anodised aluminium body
Weight of product
0.52kg
IP rating
IP67
IK rating
IK08
Wiring
CH 1
CH 2
CH 1
CH 2
CH 3
CH 4
TW - 4 core cables at 250mm in length
RGBW - 8 core cables at 250mm in length
CLR - 2 core cables at 250mm in length



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com