Electronic Components Datasheet Search
  English  ▼

X  

LD151 Datasheet(PDF) 4 Page - LightGraphix

Part # LD151
Description  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD151 Datasheet(HTML) 4 Page - LightGraphix

  LD151 Datasheet HTML 1Page - LightGraphix LD151 Datasheet HTML 2Page - LightGraphix LD151 Datasheet HTML 3Page - LightGraphix LD151 Datasheet HTML 4Page - LightGraphix LD151 Datasheet HTML 5Page - LightGraphix LD151 Datasheet HTML 6Page - LightGraphix LD151 Datasheet HTML 7Page - LightGraphix LD151 Datasheet HTML 8Page - LightGraphix LD151 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LD151
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 9 | Data sheet issued: 21 May 2026
/484S First Fix Sleeve
The fitting is supplied as standard with a fixing sleeve; this is
bonded into the mounting surface first. The LD151 is secured
into the sleeve by 2 ‘O’ rings on the body. When pushed into the
sleeve it creates a watertight seal.
/SC Spring clip fixing
Suitable for use in surfaces with a thickness of 1mm – 25mm.
Spring clips can provide a simple, single fix mounting method.
We recommend that spring clips are only used in
interior applications.
DIMENSIONS AND FIXING ACCESSORIES
Dimensions in mm
/484N or /484N-2 Concrete housing
Must be used when specifying the 700mA fitting. The aluminium housing is used as a heat sink which keeps the LED fitting cool through the thermal transfer of the heat within the housing to
the surrounding concrete.The housings are big enough for IP rated connections to be made inside the housing and a second gland is available for cabling onto the next luminaire.
/484N
Concrete housing with 1x PG9 IP67 gland
/484N-2
Concrete housing with 2x PG9 IP67 gland
/484N Concrete Can
/ID with Intergral Driver
Ø170
24
92
30
Ø81
Ø81
Ø170
24
92
30
/ID Optional integral non dimming driver
(single colour only at 350mA or 500mA)
/484GT Ground tube
The in-ground tube has been designed for applications here a
recessed uplight is required in soil or gravel surfaces. The tube
can be buried with the necessary wiring, and then the fitting
installed after the landscaping work has been completed. It is
supplied with the fixing sleeve bonded into the tube and can be
cut down on site.
/485S
Fixing Sleeve
Ø63
Ø70
Cut-out
Ø81
34
3
83
72
/GT
Ground Tube
3
Ø81
25
300
Ø81
Ø63
300
25
Ø70
Cut-out
Ø81
3
3
/SC
Spring Clips
34
3
Ø81
Ø63
Ø70
Cut-out
Ø63
Ø70
Cut-out
Ø81
3
37
34
72 83



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com