Electronic Components Datasheet Search
  English  ▼

X  

LD151 Datasheet(PDF) 9 Page - LightGraphix

Part # LD151
Description  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD151 Datasheet(HTML) 9 Page - LightGraphix

  LD151 Datasheet HTML 1Page - LightGraphix LD151 Datasheet HTML 2Page - LightGraphix LD151 Datasheet HTML 3Page - LightGraphix LD151 Datasheet HTML 4Page - LightGraphix LD151 Datasheet HTML 5Page - LightGraphix LD151 Datasheet HTML 6Page - LightGraphix LD151 Datasheet HTML 7Page - LightGraphix LD151 Datasheet HTML 8Page - LightGraphix LD151 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LD151
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 9 of 9 | Data sheet issued: 21 May 2026
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
EXAMPLE: LD151-CLR-500/830/MSB/NGS/316 stainless steel/484N
Beam Angle
Light Engine & Drive Current
LED Colour
Finish
Glare shield
Fixing Accessories
/
/
/
/
/
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a range of dimmable LED drivers DMX and DALI compatible. Please see the downloads section on our website.
COLOUR & DYNAMIC LED ENGINES
316 Stainless Steel
Polished & Passivated
316 Stainless Steel
(for marine environments)
Flamed Solid Bronze
Machined Brass
Paint Finish
Black
(RAL 9005)
Paint Finish
White
(RAL 9016)
Paint Finish
RAL
/NGS
/GS
/GSHM
/484S
/SC
/484N
/484N-2
/ID
/484GT
CLR
3.5W LED
at 350mA
LD151-CLR-500
24°
Medium
/MSB
38°
Wide
/WB
54°
Extra wide
/WWB
20° x 46°
Oval
/OB
Red
/LR
Green
/LG
Blue
/LB
Amber
/LA
TW
24°
Medium
/MSB
38°
Wide
/WB
54°
Extra wide
/WWB
20° x 46°
Oval
/OB
3.5W LED
at 350mA
LD151-TW-350
Tunable
White 2700K
& 4000K
(standard
option)
/LW27
+ LW40
Tunable White
2700K &
5000K
/LW27
+ LW50
Custom
/LW**
+ L**
RGBW
3.5W LED
at 350mA LD151-RGBW-350
5W LED
at 500mA LD151-RGBW-500
38° Colour mix lens



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com