Electronic Components Datasheet Search
  English  ▼

X  

MKT367 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MKT367
Description  Metallized polyester film capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT367 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MKT367 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 10Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 11Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 12Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 13Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 14Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 15Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 16Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
1999 Apr 29
91
BC Components
Product specification
Metallized polyester film capacitors
MKT 365/366/367
URdc = 250 V; URac = 160 V
Pitch 5 mm (bent back leads)
Notes
1. The shading indicates preferred types.
2. Pitch
= 7.5 mm (kinked and straight leads) is available on request; for dimensions and package quantities see
“Type detail specification HQN-384-02/105”.
C
(
µF)
DIMENSIONS
bmax × hmax × lmax
(mm)
MASS
(g)
CATALOGUE NUMBER
AMMOPACK; H
= 16.0 mm
C-tol
=±10%
C-tol
=±5%
catalogue number(1)
last 5 digits(1)
Pitch
= 5.0 +0.4/−0.2 mm; dt = 0.60 ±0.06 mm; A = 1.7 ±0.3 mm(2)
0.018
4.0
× 13.5 × 10.0
0.4
2222 365 45183
.. 46183
0.022
2222 365 45223
.. 46223
0.027
2222 365 45273
.. 46273
0.033
2222 365 45333
.. 46333
0.039
2222 365 45393
.. 46393
0.047
2222 365 45473
.. 46473
0.056
2222 365 45563
.. 46563
0.068
4.5
× 13.0 × 10.0
0.5
2222 365 45683
.. 46683
0.082
2222 365 45823
.. 46823
0.1
5.0
× 13.5 × 10.0
0.6
2222 365 45104
.. 46104
0.12
5.5
× 14.0 × 10.0
0.6
2222 365 45124
.. 46124
0.15
5.5
× 15.5 × 10.0
0.7
2222 365 45154
.. 46154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com