Electronic Components Datasheet Search
  English  ▼

X  

MKT367 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # MKT367
Description  Metallized polyester film capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT367 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button MKT367 Datasheet HTML 15Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 16Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 17Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 18Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 19Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 20Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 21Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 22Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
1999 Apr 29
97
BC Components
Product specification
Metallized polyester film capacitors
MKT 365/366/367
Maximum RMS voltage (sinewave) as a function of frequency
Fig.15 AC voltage (RS value) as a function of frequency at Tamb ≤ 85 °C for Rdc = 63 V.
handbook, full pagewidth
CBA077
MKT 365/366/367
47
nF
100
nF
470
nF
1000
nF
AC voltage
(V)
f (Hz)
102
10
103
104
105
102
1
10
Fig.16 AC voltage (RMS value) as a function of frequency at 85
°C < Tamb ≤ 100 °C for URdc = 63 V.
handbook, full pagewidth
CBA776
MKT 365/366/367
47
nF
100
nF
470
nF
1000
nF
AC voltage
(V)
f (Hz)
102
10
103
104
105
102
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com