Electronic Components Datasheet Search
  English  ▼

X  

MKT367 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # MKT367
Description  Metallized polyester film capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT367 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button MKT367 Datasheet HTML 22Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 23Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 24Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 25Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 26Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 27Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 28Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 29Page - List of Unclassifed Manufacturers MKT367 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
1999 Apr 29
105
BC Components
Product specification
Metallized polyester film capacitors
MKT 365/366/367
Example
C
= 330 nF - 63 V used for the voltage signal shown in Fig.27.
Up-p = 40 V; Up = 35 V; T1 = 100 µs; T2 = 200 µs.
The ambient temperature is 35
°C.
Checking the conditions:
1. The peak voltage Up = 35 V is lower than 63 V (DC).
2. The peak-to-peak voltage 40 V is lower than
.
3. The voltage pulse slope dU/dt
= 40 V/100 µs = 0.4 V/µs.
This is lower than 110 V/
µs (see specific reference data for each version).
4. The dissipated power is 16.2 mW as calculated with Fourier terms.
The temperature rise for bmax = 4.5 mm and pitch = 5 mm will be
.
This is lower than 15
°C temperature rise at 35 °C; see Fig.25.
5. Not applicable.
6. Not applicable.
2
2
40V (AC)
×
×
113 U
pp
–
=
16.2 mW
2.5 mW
°C
⁄
---------------------------------
6.5
°C
=
Fig.27 Voltage signal.
handbook, full pagewidth
time
voltage
CBA865
T1
T2
Up
Up-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com