Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 8 Page - Clarke International

Part # GWH4
Description  200A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 8 Page - Clarke International

Back Button GWH4 Datasheet HTML 4Page - Clarke International GWH4 Datasheet HTML 5Page - Clarke International GWH4 Datasheet HTML 6Page - Clarke International GWH4 Datasheet HTML 7Page - Clarke International GWH4 Datasheet HTML 8Page - Clarke International GWH4 Datasheet HTML 9Page - Clarke International GWH4 Datasheet HTML 10Page - Clarke International GWH4 Datasheet HTML 11Page - Clarke International GWH4 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PREPARATION OF THE WORKING AREA
The working area must be sufficiently spacious, not humid, and well-ventilated
as to avoid any fumes which develop from the welding process and from
incidental material adhering to the pieces to be welded (oils, paints, tars...)
which may cause danger to the operator.
Avoid welding tanks which may contain flammable residuals.
ADDITIONAL PRECAUTIONS FOR MMA WELDING
1. ALWAYS ensure that there is full free air circulating around the outer casing
of the machine and that the louvres are unobstructed.
2. A welding arc can seriously damage your eyes. Both operator and
spectators must ALWAYS use a proper welding face shield or helmet with
suitable filter lenses. Proper gloves and working clothes should be worn at
all times.
3. ALWAYS remove all flammable materials from the welding area.
4. NEVER remove any of the panels unless the machine is disconnected from
the supply and NEVER use the machine with any of the panels removed.
5. NEVER use or store in a damp environment. DO NOT EXPOSE TO RAIN.
6. NEVER attempt any electrical or mechanical repair unless your are a
qualified technician. If you have a problem with the machine contact your
local CLARKE dealer.
7. ALWAYS keep a fire extinguisher within easy reach (Dry Powder, C02 or BCF,
NOT WATER).
8. NEVER continue to weld, if, at any time, you feel even the smallest electric
shock. Stop welding IMMEDIATELY and DO NOT attempt to use the machine
until the fault is diagnosed and corrected.
9. NEVER allow the earth cable or torch to become wrapped around the
operator or any person in the vicinity.
WARNING: ELECTRIC SHOCK CAN BE FATAL. A PERSON QUALIFIED IN FIRST
AID SHOULD ALWAYS BE PRESENT IN THE WORKING AREA. IF PERSON IS
UNCONSCIOUS AND ELECTRIC SHOCK IS SUSPECTED, DO NOT TOUCH
THE PERSON IF HE OR SHE IS IN CONTACT WITH THE WELDER OR CABLES.
DISCONNECT THE WELDER FROM THE POWER SOURCE AND THEN USE FIRST
AID. DRY WOOD, OR OTHER INSULATING MATERIAL CAN BE USED TO
MOVE CABLES, IF NECESSARY, AWAY FROM THE PERSON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com