Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 13 Page - Clarke International

Part # GWH4
Description  200A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 13 Page - Clarke International

Back Button GWH4 Datasheet HTML 9Page - Clarke International GWH4 Datasheet HTML 10Page - Clarke International GWH4 Datasheet HTML 11Page - Clarke International GWH4 Datasheet HTML 12Page - Clarke International GWH4 Datasheet HTML 13Page - Clarke International GWH4 Datasheet HTML 14Page - Clarke International GWH4 Datasheet HTML 15Page - Clarke International GWH4 Datasheet HTML 16Page - Clarke International GWH4 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STRIKING THE ARC - WELDING
The most difficult aspect of the arc welding process, particularly for beginners,
is that of striking an arc. We strongly recommend that you practice on some
pieces of scrap metal to get the feel of the operation, before you start on an
actual welding job.
1. Hold the electrode about 10 mm from the work and at an angle of about
70° to 80° to the work surface; take care not to accidentally touch the
workpiece until you are ready to start.
2. Holding the welding mask close-up to your face, give a short stroke with
the electrode on the workpiece. As soon as the arc is primed, withdraw the
electrode from the workpiece to leave a tiny gap of around 1.5mm (1/
16”). The current will flow across the gap with a crackling noise and a
brilliant arc. Continue to weld in one direction, maintaining the small gap
as you go.
NOTE: When you prime the arc, be sure to withdraw the electrode swiftly
to leave the 1.5 mm. gap, otherwise the electrode will weld itself
to the workpiece. If this occurs give the electrode a short sharp
jerk to free it and, if necessary, prime the arc again. If you cannot
free the electrode, switch the machine off immediately and free
it. Take care the electrode will get red hot very quickly and will be
capable of burning through welding gloves.
3. At the end of the run, just lift the electrode away from the workpiece.
4. Inspect the job carefully. Any slag forming on the surface should be
chipped away with a chipping hammer or pick. ALWAYS wear your safety
goggles when chipping away slag.
WARNING: WHEN WELDING ALWAYS ENSURE THERE IS ADEQUATE
VENTILATION IN THE WORK AREA AS THE WELDING PROCESS GIVES OFF
TOXIC FUMES.
WARNING: WELDING ARCS PRODUCE HARMFUL UV/IR LIGHT WHICH CAN
SERIOUSLY DAMAGE YOUR EYES. ALWAYS USE A WELDING HELMET WITH
A SUITABLE FILTER THAT CONFORMS TO CURRENT STANDARDS.
WARNING: NEVER LOOK AT THE ARC WITHOUT A SUITABLE WELDING
MASK
WARNING: PROTECT BYSTANDERS BY USING WELDING SCREENS/
CURTAINS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com