Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 18 Page - Clarke International

Part # GWH4
Description  200A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 18 Page - Clarke International

Back Button GWH4 Datasheet HTML 14Page - Clarke International GWH4 Datasheet HTML 15Page - Clarke International GWH4 Datasheet HTML 16Page - Clarke International GWH4 Datasheet HTML 17Page - Clarke International GWH4 Datasheet HTML 18Page - Clarke International GWH4 Datasheet HTML 19Page - Clarke International GWH4 Datasheet HTML 20Page - Clarke International GWH4 Datasheet HTML 21Page - Clarke International GWH4 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
RATING PLATE
1
Name and address of
manufacturer
11
Duty Cycle Symbol
2
Model Number, / Part Number
12
Rated Welding Current Symbol
3
Serial / Batch Number
13
Conventional Load Voltage
Symbol
4
Welding Power Source
14
Energy Supply Symbol
5
British Standards applied
15
Rated Supply Voltage
6
Welding Process Symbol
16
Rated Maximum Supply Current
7
This symbol indicates that the unit
is suitable for carrying out
welding operations in an
environment which has an
increased risk of electric shock
17
Maximum Effective Supply
Current
8
Welding Current Symbol
18
19
20
21
N/A
9
Rated No-load Voltage
22
Degree of Ingress Protection
10
Range Of Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com