Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 22 Page - Clarke International

Part # GWH2
Description  MMA/TIG INVERTER WELDERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 22 Page - Clarke International

Back Button GWH2 Datasheet HTML 18Page - Clarke International GWH2 Datasheet HTML 19Page - Clarke International GWH2 Datasheet HTML 20Page - Clarke International GWH2 Datasheet HTML 21Page - Clarke International GWH2 Datasheet HTML 22Page - Clarke International GWH2 Datasheet HTML 23Page - Clarke International GWH2 Datasheet HTML 24Page - Clarke International GWH2 Datasheet HTML 25Page - Clarke International GWH2 Datasheet HTML 26Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The arc length generally varies between 3 and 6 mm depending on
the type of joint, type and thickness of material and so on.
• The torch is advanced in the direction of welding, without lateral
movement, maintaining the torch angle of 45o to the workpiece.
Guidelines for the TIG welding current needed and recommended electrode
sizes etc. for different gauges of material are shown in the chart below:
Metal
Welding
Current
(Amps)
Workpiece
Thickness
(mm)
Filler Rod
Dia (mm)
Welding
Electrode
Dia (mm)
Gas Flow
ltr/min
Mild
Steel
20-30
1
0-1
1.6
4-5
60-80
2
1.2-1.6
1.6
4-5
80-110
3
1.6-2.0
1.6/2.4
4-5
100-130
3.5
2.0-2.4
2.4
5-6
130-140
4
2.4
2.4
6-7
140-150
4.5
2.4
2.4
7-8
150-160
5
2.4
2.4
7-8
Stainless
Steel
15-35
1
0-1
1.6
4-5
60-80
2
1.2-1.6
2.4
4-5
80-115
3
1.6-2.0
1.6/2.4
4-5
100-130
3.5
2.0-2.4
2.4
5-6
130-140
4
2.4
2.4
6-7
140-150
4.5
2.4
2.4
7-8
150-160
5
2.4
2.4
7-8
Copper
80
2
2.0
1.6
5-6
125
3
2.4
2.4
5-6
135-150
4
2.4
2.4
6-7
150-160
4.5
2.4
2.4
7-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com