Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 28 Page - Clarke International

Part # GWH2
Description  MMA/TIG INVERTER WELDERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 28 Page - Clarke International

Back Button GWH2 Datasheet HTML 24Page - Clarke International GWH2 Datasheet HTML 25Page - Clarke International GWH2 Datasheet HTML 26Page - Clarke International GWH2 Datasheet HTML 27Page - Clarke International GWH2 Datasheet HTML 28Page - Clarke International GWH2 Datasheet HTML 29Page - Clarke International GWH2 Datasheet HTML 30Page - Clarke International GWH2 Datasheet HTML 31Page - Clarke International GWH2 Datasheet HTML 32Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONSUMABLES
The following are some of the accessories available from your CLARKE dealer.
Please quote the part numbers shown below.
ARC ACTIVATED HEADSHIELDS
These highly popular head-shields activate instantly when the arc is struck and
allow you to have both hands free when welding.
DESCRIPTION
PART NUMBER
1.6 x 300mm Arc Welding Rods
3050590
2.0 x 350mm Arc Welding Rods
3050592
2.5 x 350mm Arc Welding Rods
3050594
3.25 x 350mm Arc Welding Rods
3050596
4.0 x 400mm E6013 Welding Rods
3050598
TIG Welding Torch Assembly (MMA/TIG100)
6012232
TIG Welding Torch Assembly (MMA/TIG160/200)
6012233
Argon Gas Regulator
8134140
Model
Arc
Activated
Grinding
function
Solar
Powered
Fixed
Shade
Flip Up
Part
Number
GWH4
✔✔
✔
6000706
GWH7
✔✔
✔
6000709
GWH5
✔✔
✔
6000707
GWH6
✔✔
✔
6000708
GWH3
✔✔
✔
6000698
GWH2
✔✔
✔
6000697
PG4
✔✔
✔
6000716
HS1
✔✔
6000700
HSF1
✔✔
6000705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com