Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 13 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 13 Page - Clarke International

Back Button HSF1 Datasheet HTML 9Page - Clarke International HSF1 Datasheet HTML 10Page - Clarke International HSF1 Datasheet HTML 11Page - Clarke International HSF1 Datasheet HTML 12Page - Clarke International HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTION
IMPORTANT: This product requires a 64A power supply which may make it
unsuitable for some users. This is a dual voltage machine for connection to either 230
or 400V.
The welder MUST be connected to a 1 phase 50Hz supply through a suitably rated
isolator switch. Before switching on, make sure that the voltage of your electricity
supply is correct. Connecting it to any other power source may cause damage.
If in any doubt, consult a qualified electrician. DO NOT attempt electrical connections
yourself.
WARNING! READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO A
POWER SUPPLY. THE INSTALLATION OF THIS APPLIANCE
SHOULD BE CARRIED OUT BY A COMPETENT ELECTRICIAN AND
BE IN ACCORDANCE WITH CURRENT IEE WIRING
REGULATIONS (BS4343).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com