Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 2 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 2 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder. Before attempting to operate the
machine it is essential that you read this manual thoroughly and carefully follow all
instructions given. In doing so you will ensure the safety of yourself and that of others
around you, and you can also look forward to the welder giving you long and
satisfactory service.
SPECIFICATIONS
NOTE: The details and specifications contained herein, are correct at the time
of going to print. However, CLARKE International reserve the right to
change specifications at any time without prior notice.
MIG270DV Multi
Unpacked Weight
41kg plus cables & leads
Dimensions (l x w x h) (mm)
855 x 440 x 630 (with base & wheels fitted)
Power Supply
230V~ 50Hz-1ph
415V~ 50Hz-3ph
Connecting terminals
BS4343(32A)
64A Terminated bare
wire ends
Peak Input Power
12 kW
7.9 kW
Max Input Current II Max/II eff
52A
19A
Output Welding Current
MIG 30A-220A
MMA 30A-220A
TIG 10A-220A
MIG 30A-270A
MMA 30A-270A
TIG 10A-270A
IP Rating
IP21S
Insulation Grade
Class 1 - Grade H
Suitable Electrode size
MMA - 1.6 - 5.0mm
TIG - 1.6 - 2.4mm
Welding Wire size
Steel - 0.8mm, 0.9mm & 1.0mm
Aluminium - 1.0 -1.2mm
Wire spool capacity
5kg /15kg
Welding Capacity (Mild Steel)
1-12 mm (MIG)
1-15 mm (MMA)
1-5 mm (TIG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com