Electronic Components Datasheet Search
  English  ▼

X  

R5F1216AMSP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F1216AMSP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1216AMSP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F1216AMSP Datasheet HTML 28Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 29Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 30Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 31Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 32Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 33Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 34Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 35Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 32 of 85
May 19, 2025
2.3.2
Supply current characteristics
[TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply
currentNote 1
IDD1
Operating
mode
Basic
operation
fIH = 16 MHzNote 4
VDD = 3.0 V, 5.0 V
0.97
mA
Normal
operation
fIH = 16 MHzNote 4
VDD = 3.0 V, 5.0 V
2.11
2.76
mA
fIH = 4 MHzNote 4
VDD = 3.0 V, 5.0 V
1.22
1.64
mA
fEX = 16 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
1.97
2.62
mA
fX = 12 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Resonator connection
1.79
2.49
mA
fMX = 4 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
1.07
1.49
mA
Resonator connection
1.12
1.55
mA
fSUB = 32.768 kHzNote 7
TA =
−40°C
Square wave input
3.65
5.80
µA
Resonator connection
3.70
6.00
µA
fSUB = 32.768 kHzNote 7
TA = +25°C
Square wave input
3.90
5.80
µA
Resonator connection
4.18
6.00
µA
fSUB = 32.768 kHzNote 7
TA = +50°C
Square wave input
4.04
6.20
µA
Resonator connection
4.37
6.40
µA
fSUB = 32.768 kHzNote 7
TA = +70°C
Square wave input
4.20
6.50
µA
Resonator connection
4.56
6.70
µA
fSUB = 32.768 kHzNote 7
TA = +85°C
Square wave input
4.40
7.80
µA
Resonator connection
4.80
8.00
µA
IDD2Note 2
HALT mode
fIH = 16 MHzNote 4
VDD = 3.0 V, 5.0 V
385
800
µA
fIH = 4 MHzNote 4
VDD = 3.0 V, 5.0 V
334
630
µA
fEX = 16 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
229
638
µA
fX = 12 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Resonator connection
351
902
µA
fMX = 4 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
167
452
µA
Resonator connection
226
599
µA
fSUB = 32.768 kHzNote 8
TA =
−40°C
Square wave input
0.69
1.45
µA
Resonator connection
0.75
1.65
µA
fSUB = 32.768 kHzNote 8
TA = +25°C
Square wave input
0.75
1.45
µA
Resonator connection
1.04
1.65
µA
fSUB = 32.768 kHzNote 8
TA = +50°C
Square wave input
0.84
1.74
µA
Resonator connection
1.20
1.94
µA
fSUB = 32.768 kHzNote 8
TA = +70°C
Square wave input
0.97
2.20
µA
Resonator connection
1.33
2.40
µA
fSUB = 32.768 kHzNote 8
TA = +85°C
Square wave input
1.13
3.10
µA
Resonator connection
1.51
3.30
µA
IDD3Note 3
STOP modeNote 9
VDD = 3.0 V
0.62
2.80
µA
Note 1.
The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when
the level of the input pin is fixed to VDD or VSS.
Regarding the values for main system clock operation, the TYP. value does not include the peripheral
operating current. The MAX. value includes the peripheral operating current, but does not include those
flowing into the A/D converter, comparator, capacitive touch sensing unit (CTSU), I/O port, and on-chip pull-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com