Electronic Components Datasheet Search
  English  ▼

X  

R5F1216AMSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F1216AMSP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1216AMSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F1216AMSP Datasheet HTML 17Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 18Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 19Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 20Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 21Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 22Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 23Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 24Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 21 of 85
May 19, 2025
1.5.3
20-pin products
SAU0 (4ch)
Clock Generator
+
Reset Generator
Main OSC
1 to 12 MHz
RAM
2 KB
INTERRUPT
CONTROL
______
RESET
X1
TAU0 (8ch)
TI00
TI01
TI02
X2/EXCLK
CODE
FLASH
16, 32 KB
DATA
FLASH
1 KB
RL78-S2
ch02
ch01
ch00
ch03
ch04
ch05
ch06
ch07
TI03
TI05
TI07
RxD0
TxD0
UART0
ON-CHIP DEBUG
TOOL0
TOOLTxD
TOOLRxD
BCD ADJUSTMENT
IICA0
SCLA0
SDAA0
COMP0
IVREF0
IVCMP0
VCOUT0
TO00
TO01
TO02
TO03
TI04
TO04
TO05
TI06
TO06
TO07
CSI11
SCK11
SI11
SO11
IIC11
SCL11
SDA11
IIC00
SCL00
SDA00
CSI00
SCK00
SI00
SO00
UART1
RxD1
TxD1
COMP1
IVREF1
IVCMP1
VCOUT1
CTSU
TSCAP
TS00
TS03-TS11
9
TS13
VDD
SELECTABLE
POWER ON
RESET
Low Speed
ON-CHIP
OSCILLATOR
15 kHz
High Speed
ON-CHIP
OSCILLATOR
1 to 16 MHz
VSS
XT1
XT2/EXCLKS
11
ANI0 to ANI10
8/10-bit
A/D CONVERTER
11ch
Temp Sensor
TSCAP
Internal reference voltage
REAL-TIME CLOCK
WATCH DOG TIMER
12-bit INTERBAL
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
RTC1HZ
BUZZER/CLOCK
OUTPUT CONTROL
PORT 12
PORT 13
INTERRUPT
CONTROL
8ch
PCLBUZ0
P137
8
INTP0 to INTP7
P121, P122, P125
3
PORT 0
P00 to P07
8
PORT 4
P40, P41
2
SAU1 (2ch)
RxD2
TxD2
UART2
IIC20
SCL20
SDA20
CSI20
SCK20
SI20
SO20
PORT 2
P20 to P23
4
Sub OSC
32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com