Electronic Components Datasheet Search
  English  ▼

X  

R5F1216AMSP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F1216AMSP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1216AMSP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F1216AMSP Datasheet HTML 29Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 30Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 31Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 32Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 33Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 34Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 35Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 36Page - Renesas Technology Corp R5F1216AMSP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 33 of 85
May 19, 2025
up/pull-down resistors.
Regarding the values for subsystem clock operation, the TYP. and MAX. values do not include the peripheral
operating current. However, in HALT mode, the current flowing into the RTC is included.
Regarding the values in STOP mode, the TYP. and MAX. values do not include the peripheral operating
current.
Note 2.
When the HALT instruction is executed from the flash memory.
Note 3.
The listed currents do not include the current flowing into real-time clock 2, the clock output/buzzer output
controller, 12-bit interval timer, and watchdog timer.
Note 4.
When the high-speed system clock and subsystem clock are stopped.
Note 5.
When the high-speed on-chip oscillator and subsystem clock are stopped.
Note 6.
16-pin, 20-pin, 24-pin, and 32-pin products only.
Note 7.
When the high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1 (ultra-
low power consumption oscillation). However, not including the current flowing into real-time clock 2, the 12-
bit interval timer, watchdog timer, and capacitive touch sensing unit.
Note 8.
When the high-speed on-chip oscillator and high-speed system clock are stopped. When RTCLPC = 1 and
AMPHS1 = 1 (ultra-low power consumption oscillation).
Note 9.
Regarding the value for current to operate the subsystem clock in STOP mode, refer to that in HALT mode.
Remark 1.
fIH: High-speed on-chip oscillator clock frequency
Remark 2.
fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
Remark 3.
Except for subsystem clock operation, the temperature condition of the TYP. value is TA = 25°C.
Remark 4.
fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com