Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 14 Page - Clarke International

Part # HSF1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 14 Page - Clarke International

Back Button HSF1 Datasheet HTML 10Page - Clarke International HSF1 Datasheet HTML 11Page - Clarke International HSF1 Datasheet HTML 12Page - Clarke International HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4. Refit the retaining disc, washer and wingnut.
THREADING THE WIRE
IMPORTANT: DO NOT release the tension on the wire as it will unravel
causing feeding problems later.
1. Pull out the end of the wire from the
spool, taking care not to release the
tension.
• We recommend you cut off and
discard the first 10 cm of wire
from the spool to avoid burrs and
then straighten the next few
centimeters of wire to help with
feeding.
2. Loosen the tensioning knob and pivot
it towards you.
3. Lift up the arm.
4. Pass the wire through the guide tube,
over the drive roller and into the
torch liner.
• Push about 10-15 cm into the
torch liner.
5. Lower the arm and replace the
tensioning knob.
• Tighten the tensioning knob
sufficiently to hold firmly, but do not fully tighten.
NOTE: Correct tension will allow the wire to feed into the torch liner smoothly,
but will allow the drive roller to slip in the event of a blockage.
6. Close the welder side panel.
WARNING: THE FOLLOWING STEPS REQUIRE POWER TO THE
WELDER. DO NOT TOUCH ANYTHING WITH THE TORCH OR
WELDING WIRE AS IT MAY RESULT IN ACCIDENTAL ARCING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com