Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 13 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 13 Page - Clarke International

Back Button GWH4 Datasheet HTML 9Page - Clarke International GWH4 Datasheet HTML 10Page - Clarke International GWH4 Datasheet HTML 11Page - Clarke International GWH4 Datasheet HTML 12Page - Clarke International GWH4 Datasheet HTML 13Page - Clarke International GWH4 Datasheet HTML 14Page - Clarke International GWH4 Datasheet HTML 15Page - Clarke International GWH4 Datasheet HTML 16Page - Clarke International GWH4 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTION
IMPORTANT: This product requires a 64A power supply which may make it
unsuitable for some users.
The welder MUST be connected to a 230 Volt/1 phase 50Hz supply through a suitably
rated isolator switch. Before switching on, make sure that the voltage of your
electricity supply is correct. Connecting it to any other power source may cause
damage..
If the colours of the wires in the power cable of this product do not correspond with
the markings on the terminals of your plug, proceed as follows.
• The Blue wire must be connected to the terminal which is marked N or
Neutral.
• The Brown wire must be connected to the terminal which is marked L or Live.
• The Yellow wire must be connected to the terminal which is marked E or
Earth.
If in any doubt, consult a qualified electrician. DO NOT attempt any work yourself.
WARNING! READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO A
POWER SUPPLY. THE INSTALLATION OF THIS APPLIANCE
SHOULD BE CARRIED OUT BY A COMPETENT ELECTRICIAN AND
BE IN ACCORDANCE WITH CURRENT IEE WIRING
REGULATIONS (BS4343).
WARNING: THE WIRES IN THE POWER CABLE OF THIS
PRODUCT ARE COLOURED IN ACCORDANCE WITH THE
FOLLOWING CODE:
BLUE = NEUTRAL
BROWN = LIVE YELLOW = EARTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com