Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 24 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 24 Page - Clarke International

Back Button GWH4 Datasheet HTML 20Page - Clarke International GWH4 Datasheet HTML 21Page - Clarke International GWH4 Datasheet HTML 22Page - Clarke International GWH4 Datasheet HTML 23Page - Clarke International GWH4 Datasheet HTML 24Page - Clarke International GWH4 Datasheet HTML 25Page - Clarke International GWH4 Datasheet HTML 26Page - Clarke International GWH4 Datasheet HTML 27Page - Clarke International GWH4 Datasheet HTML 28Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATING THE WELDER (MIG)
1. With the welding current set and the wire trimmed, set the wire feed control to an
intermediate setting.
2. Plug the machine into the power supply and switch on.
3. Cover your face with the welding mask supplied.
4. Approach the work with the torch tip at an angle of about 45o and pull the torch
trigger fully.
• As the wire touches the workpiece an arc will be struck.
5. In order to produce a satisfactory weld, the control may be fine tuned as required.
This will come with practice.
• MIG welding is an acquired skill. It is strongly advised that, if you are not fully
familiar with this type of welding, you practice on a piece of material with the
same characteristics as your workpiece until you are satisfied with the result and
you have set your welder to produce a satisfactory weld.
• One of the problems experienced with novice welders is the welding wire sticking
to the contact tip. This is as a result of the wire feed speed being too slow. It is
always better therefore to start with too high a speed and back off slightly to
avoid the possibility of the wire welding itself to the tip.
• The speed of wire delivery will increase automatically as the current is increased.
• Listen to the sound made. An irregular crackling sound denotes too high a wire
speed. Decrease the voltage/speed until a regular, strong buzzing sound is heard.
WELDING TECHNIQUE
• Try to maintain the tip of the nozzle at an angle of approx 45oand at a constant
distance of approx 5-7mm from the workpiece.
• Try to maintain a constant speed of movement with the torch.
WARNING: WHEN WELDING ALWAYS ENSURE THERE IS ADEQUATE
VENTILATION IN THE WORK AREA DUE TO TOXIC FUMES.
WARNING: DO NOT STRIKE THE ELECTRODE ON THE WORKPIECE,
AS THIS MAY DAMAGE THE ELECTRODE.
WARNING: WELDING ARCS PRODUCE HARMFUL UV/IR LIGHT
WHICH CAN SERIOUSLY DAMAGE YOUR EYES. ALWAYS USE A
WELDING FACE-SHIELD WITH A SUITABLE FILTER THAT CONFORMS
TO CURRENT STANDARDS.
WARNING: PROTECT BYSTANDERS BY USING WELDING SCREENS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com